|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
W TE PO WE R SEM IC O ND UC TO R S B40C1500 - B500C1500 1.5A BRIDGE RECTIFIER Features ! ! ! ! ! ! Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards A B + ~ ~ WOB Dim Min Max A 8.60 9.10 B 5.0 5.50 C 27.9 -- D 25.4 -- E 0.71 0.81 G 4.60 5.60 All Dimensions in mm C D E ~ + G G ~ Mechanical Data ! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 1.1 grams (approx.) Mounting Position: Any Marking: Type Number Maximum Ratings and Electrical Characteristics Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. @TA=25C unless otherwise specified Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Input Voltage Recommended Average Rectified Output Current (Note 1) @TA = 50C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) Peak Reverse Current At Rated DC Blocking Voltage Operating Temperature Range Storage Temperature Range @IF = 1.5A @TA = 25C @TA = 100C Symbol VRRM VRWM VR VR(RMS) IO B40C 1500 100 40 B80C 1500 200 80 B125C 1500 300 125 B250C 1500 600 250 B380C 1500 900 380 B500C 1500 1200 500 Unit V V A 1.5 IFSM VFM IRM Tj TSTG 50 1.0 10 500 -55 to +125 -55 to +150 A V A C C Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case. B40C1500 - B500C1500 1 of 3 (c) 2002 Won-Top Electronics IF, AVERAGE FORWARD CURRENT (A) Single phase half-sine-wave 60Hz resistive or inductive load 1.0 IF, INSTANTANEOUS FORWARD CURRENT (A) 1.5 10 1.0 0.5 0.1 Tj = 25C Pulse width = 300s 0 0 25 50 75 100 125 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve Pulse Width 8.3 ms Single Half-Sine-Wave (JEDEC Method) 0.01 0.2 0.6 1.0 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element 150 50 100 Tj = 25C f = 1mz IFSM, PEAK FORWARD SURGE CURRENT (A) 30 Cj, JUNCTION CAPACITANCE (pF) 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100 40 10 20 10 0 1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100 B40C1500 - B500C1500 2 of 3 (c) 2002 Won-Top Electronics ORDERING INFORMATION Product No. B40C1500 B80C1500 B125C1500 B250C1500 B380C1500 B500C1500 Package Type Round Bridge Round Bridge Round Bridge Round Bridge Round Bridge Round Bridge Shipping Quantity 1000 Units/Box 1000 Units/Box 1000 Units/Box 1000 Units/Box 1000 Units/Box 1000 Units/Box Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. (c) 2002 Won-Top Electronics B40C1500 - B500C1500 3 of 3 |
Price & Availability of B80C1500 |